Part Number Hot Search : 
305000 BYG24 BYG24 GBP3010 MB90F S9S12X MBT2369 A1284
Product Description
Full Text Search
 

To Download MBR6040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6030PT - MBR6045PT
60A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Plastic Material: UL Flammability Classification Rating 94V-0
TO-3P Dim A Min 3.20 4.59 20.80 19.70 2.10 0.51 15.90 1.70 3.10AE 3.50 5.20 1.12 1.93 2.97 11.70 Max 3.50 5.16 21.30 20.20 2.40 0.76 16.40 2.70 3.30AE 4.51 5.70 1.22 2.18 3.22 12.80
H S
R P* *2 Places N Q L G
A B
B C D E G H J K L M N
J
K
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 5.6 grams (approx.) Mounting Position: Any Marking: Type Number
D
E M M
P Q R S
4.30 Typical
All Dimensions in mm @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage @ TC = 125C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop @ IF = 30A, TC = 25C @ IF = 30A, TC = 125C @ IF = 60A, TC = 25C @ TC = 25C @ TC = 100C Average Rectified Output Current Symbol VRRM VRWM VR VR(RMS) IO IFSM
MBR 6030PT 30 21
MBR 6035PT 35 25 60 500 0.62 0.55 0.75 1.0 50 650 1.0
MBR 6040PT 40 28
MBR 6045PT 45 32
Unit V V A A
VFM IRM Cj RqJc Tj, TSTG
V mA pF K/W C
Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2)
Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range
-55 to +150
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30053 Rev. B-2
1 of 2
MBR6030PT - MBR6045PT
80
100
IO, AVERAGE RECTIFIED CURRENT (A)
70 60 50 40 30 20 10 0
IF, INSTANTANEOUS FWD CURRENT (A)
10
1.0
0.1
Tj = 25C Pulse width = 300s 2% duty cycle
0
50
100
150
0
0.2
0.4
0.6
0.8
1.0
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
600
8.3ms single half-sine-wave JEDEC method
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
10000
Tj = 25C
IFSM, PEAK FWD SURGE CURRENT (A)
400 300
Cj, JUNCTION CAPACITANCE (pF)
500
1000
200 100 0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance per Element
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
1.0
0.1
Tj = 25C
0.01 0 10 20 30 40 50 60 PEAK REVERSE VOLTAGE (V) Fig. 5 Typical Reverse Characteristics
DS30053 Rev. B-2
2 of 2
MBR6030PT - MBR6045PT


▲Up To Search▲   

 
Price & Availability of MBR6040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X